Part Number Hot Search : 
HER204 1N582 53248 B410000 QFP144 05121 NSA341 MXP2001
Product Description
Full Text Search
 

To Download LR6-10L-35K-120V-A-DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7.5" (191mm) 5.7" (145mm) 5.8" (147mm) ordering information example: LR6-10L-35K-120V-A-DR lr6 10l 120v a dr series lumen output color temperature voltage version options lr6 10l 11w 1000 lumens - 90 lpw 27k 2700 kelvin 30k 3000 kelvin 35k 3500 kelvin 40k 4000 kelvin 120v 120 volts - gu24 base a version dr deep recess - 20?shield * reference www.cree.com/lighting for recommended dimmers ? see www.cree.com/lighting/products/warrranty for warranty terms lr6-10l 6" led downlight rev. date: v2 08/14/2014 product description the lr6-10l led downlight delivers 1000 lumens of exceptional 90+ cri light while achieving 90 lumens per watt. this breakthrough performance is achieved by combining the high effcacy and high-quality light of cree truewhite ? technology, with an integrated driver and thermal management design. the lr6-10l is available in warm or neutral color temperatures and has a variety of trim options. it easily installs into cree six-inch gu24 housings or may be retroftted with a gu24 whip adapter. applications: commercial new construction and retroft utilizes cree truewhite ? technology active color management delivered light output: 1000 lumens input power: 11 watts cri: 90 c c t: 2700k, 3000k, 3500k, 4000k limited warranty ? : 10 years lifetime: designed to last 50,000 hours dimming: dimmable to 5%* performance summary trims lt6a-dr diffuse anodized fnish lt6aw-dr wheat diffuse anodized fnish lt6ap-dr pewter diffuse anodized fnish t6ab-dr black anodized fnish lt6wh-dr smooth white lt6bb-dr flat black fnish trim and reflector housing (edison or gu24) h6 architectural rc6 new construction rr6 retroft sc6 cylindrical surface mount sc6-cm cylindrical cord mount sc6-wm cylindrical wall mount housing & accessories reference housing & accessory documents for more details. for full list of cree quick ship products visit www.cree.com/lighting/quickship t (800) 236-6800 f (262) 504-5415 us: www.cree.com/lighting t (80 0) 473-123 4 f (800) 890-7507 canada: www.cree.com/canada
? 2014 cree, inc. and/or one of its subsidiaries. all rights reserved. for informational purposes only. content is subject to change. see www.cree.com/patents for patents that cover these products. see www.cree.com/ lighting for warranty and specifcations. cree ? , the cree logo, cree truewhite ? , truewhite ? , and the cree truewhite technology logo are registered trademarks and lr6? and the quick ship logo are trademarks of cree, inc. photometry lr6-10l zonal lumen summary zone lumens % lamp % fix 0-30 424 42.42% 42.42% 0-40 629 62.89% 62.89% 0-60 897 89.71% 89.71% 0-90 1000 100% 100% intensity (candlepower) summary angle mean cp 0 597 5 593 15 559 25 463 35 329 45 207 55 120 65 61 75 32 85 7 90 0 reference www.cree.com/lighting for detailed photometric data installation ? designed to easily install in standar d 6" housings from cree and other manufacturers* ? quick install system utiliz es a unique retention feature. simply attach socket to lr6-10l. move light to ready position and slide into housing note: reference www.cree.com/lighting for detailed installation instructions *reference www.cree.com/lighting for a list of compatible housings 0 15 30 0 200 400 600 90 75 60 45 0 lr6C10l product specifcations cree truewhite ? technology a revolutionary way to generate high-quality white light, cree truewhite ? technology is a patented approach that delivers an exclusive combination of 90+ cri, beautiful light characteristics, and lifelong color consistency, all while maintaining high luminous effcacy - a true no compromise solution . construction & materials ? durable aluminum housing pr otects the light source. adjustable flip clips provide robust retention for flush ceiling ft ? thermal management system uses integral heat sink to conduct heat awa y fr om leds for optimal performance. led junction temperatures stay below specifed maximum even when installed in with worst case installations ? suitable for insulated and non-insulated ceilings ? one-piece aluminum lower r eflector redirects light while also conducting heat away from leds. it creates a comfortable visual transition from the lens to the ceiling plane and easily accommodates lt6 snap-in trims optical system ? unique combination of r eflective and refractive optical components achieves a uniform, comfortable appearance while eliminating pixelation, hot spots and minimizing glare ? components work together to optimiz e distribution, balancing the delivery of high illuminance levels on horizontal surfaces with an ideal amount of light on walls and vertical surfaces. this increases the perception of spaciousness ? deep set diffusing lens shields dir ect view of leds and provides greater visual cut-off electrical system ? integral, high-effciency driv er and power supply ? p ower factor: > 0.9 ? input v oltage: 120v, 60hz ? dimming: dimmable to 5% with cer tain incandescent dimmers* regulatory & voluntary qualifications ? energy st ar ? qualifed ? cul us listed ? ex ceeds california title-24 high effcacy luminaire requirements ? suitable for wet locations * reference www.cree.com/lighting for recommended dimmers open space spacing lumens wattage lpw w/ft 2 average fc 4 x 4 1000 11 90 0.64 59 6 x 6 0.30 28 8 x 8 0.16 15 10 x 10 0.11 10 10' ceiling, 80/50/20 reflectances, 2.5 workplane. llf: 1.0 initial. open space: 50 x 40 x 10 corridor spacing lumens wattage lpw w/ft 2 average fc 4' on center 1000 11 90 0.42 21 6' on center 0.28 14 8' on center 0.21 10 10' on center 0.18 9 10' ceiling, 80/20/50 reflectances, light levels on the ground. llf: 1.0 initial. corridor: 6 wide x 100 long application reference t (800) 236-6800 f (262) 504-5415 us: www.cree.com/lighting t (80 0) 473-123 4 f (800) 890-7507 canada: www.cree.com/canada


▲Up To Search▲   

 
Price & Availability of LR6-10L-35K-120V-A-DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X